Part Number Hot Search : 
100LS N2907A MAX106 IXLD429Y MAX14532 14D220K ATP037SM 10A60
Product Description
Full Text Search
 

To Download IRFZ44CN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc N-Channel MOSFET Transistor
IRFZ44CN
FEATURES *Drain Current -ID=49A@ TC=25 *Drain Source Voltage: VDSS= 55V(Min) *Static Drain-Source On-Resistance : RDS(on) = 0.032(Max) *Fast Switching DESCRIPTION *Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VDSS VGS ID IDM PD TJ Tstg PARAMETER Drain-Source Voltage Gate-Source Voltage-Continuous Drain Current-Continuous Drain Current-Single Pluse (tp10s) Total Dissipation @TC=25 Max. Operating Junction Temperature Storage Temperature VALUE 55 20 49 160 94 175 -55~175 UNIT V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient MAX 1.5 62 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc N-Channel MOSFET Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
IRFZ44CN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
55
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2
4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 25A VGS= 20V;VDS= 0 VDS= 55V; VGS=0 VDS= 55V; VGS=0; Tj= 150 IS= 25A; VGS=0
0.032 100 25 250 1.3
IGSS
Gate-Body Leakage Current
nA A
IDSS
Zero Gate Voltage Drain Current
VSD
Forward On-Voltage
V
*
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of IRFZ44CN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X